Part Number Hot Search : 
MAX5942A 2SK4035 SDR3006 SMLJ60CA 85J4K5 ADP17210 31006 20PFI
Product Description
Full Text Search
 

To Download SSM216003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective companies. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781/329-4700 www.analog.com fax: 781/326-8703 ?2003 analog devices, inc. all rights reserved. ssm2160 6-channel, serial input master/balance volume controls features clickless digitally controlled level adjustment ssm2160: 6 channels 7-bit master control gives 128 levels of attenuation 5-bit channel controls give 32 levels of gain master/channel step size set by external resistors 100 db dynamic range automatic power-on mute excellent audio characteristics: 0.01% thd+n 0.001% imd (smpte) ?0 dbu noise floor ?0 db channel separation 90 db snr single-and dual-supply operation applications home theater receivers surround sound decoders circle surround and ac-3 decoders dsp soundfield processors hdtv and surround tv audio systems automotive surround sound systems multiple input mixer consoles and amplifiers functional block diagram power supply and reference generator vca ch1 in ch1 out clk data ld write v+ v v ref 5-bit channel dac vca ch2 in ch2 out 5-bit channel dac vca ch3 in ch3 out 5-bit channel dac vca ch4 in ch4 out 5-bit channel dac vca ch5 in ch5 out 5-bit channel dac vca ch6 in ch6 out 5-bit channel dac 7-bit master dac shift register and address decoder step size adjust ch set mstr set mstr out ssm2160 general description the ssm2160 allows digital control of volume of six audio channels, with a master level control and individual channel controls. low distortion vcas (voltage controlled amplifiers) are used in the signal path. by using controlled rate-of-change drive to the vcas, the ?licking?associated with switched resistive networks is eliminated in the master control. each channel is controlled by a dedicated 5-bit dac providing 32 levels of gain. a master 7-bit dac feeds every control port giving 128 levels of attenuation. step sizes are nominally 1 db and can be changed by external resistors. channel balance is maintained over the entire master control range. upon power-up, all outputs are automati- cally muted. a 3-wire or 4-wire serial data bus enables interfacing with most popular microcontrollers. windows software and an evaluation board for controlling the ssm2160 are available. the ssm2160 can be operated from single supplies of +10 v to +20 v or dual supplies from 5 v to 10 v. an on-chip reference provides the correct analog common voltage for single-supply applications. the ssm2160 comes in a soic package; see the ordering guide for details.
rev. a e2e ssm2160especifications (v s =  6 v, t a = 25  c, a v = 0 db, f audio = 1 khz, f clock = 250 khz, r l = 10 k  , unless otherwise noted.) parameter symbol conditions min typ max unit audio performance noise floor nfl v in = gnd, bw= 20 khz, a v = 0 db 1 e90 dbu total harmonic distortion + noise thd+n second and third harmonics only, v out = 0 dbu 2 a v = 0 db 0.01 0.035 % channel separation any channel to another 80 db dynamic range nfl to clip point 100 db analog input maximum level v in max v s = 10 v 1.8 v rms impedance z in any channel 10 k  analog output maximum level 3 v s = 10 v, all conditions of master attenuation and channel gain 1.8 v rms impedance z out 10  offset voltage 20 mv minimum resistive load r l min 10 k  maximum capacitive load c l max 50 pf master attenuator error measured from best fit of all channels from 0 db and e127 db (or noise floor) a v = 0 db channel gain = 0 db 0.5 db a v = e20 db channel gain = 0 db 1.0 db a v = e40 db channel gain = 0 db 2.0 db a v = e60 db channel gain = 0 db 2.5 db channel matching 1.0 db channel gain error master attenuation = 0 db a v = 0 db 0.5 db a v = 10 db 1.0 db a v = 31 db 2.0 db mute attenuation v in = 0 dbu e95 db voltage reference v ref accuracy percent of ( v + ) + ( v e) 2 5% output impedance 5  control logic logic thresholds high (1) re: dgnd 2.0 v low (0) 0.8 v input current 1 a clock frequency 1 1000 khz timing characteristics see timing diagrams power supplies voltage range ssm2160 v s single supply 10 20 v ssm2160 v+, ve dual supply 5 10 v supply current no load 20 28 ma notes 1 master = 0 db; channel = 0 db. 2 input level adjusted accordingly. 0 dbu = 0.775 v rms. 3 for other than 10 v supplies, maximum is v s /4. specifications subject to change without notice.
rev. a ssm2160 e3e timing characteristics timing symbol description min typ max unit t cl input clock pulsewidth, low 200 ns t ch input clock pulsewidth, high 200 ns t ds data setup time 50 ns t dh data hold time 75 ns t cw positive clk edge to end of write 100 ns t wc write to clock setup time 50 ns t lw end of load pulse to next write 50 ns t wl end of write to start of load 50 ns t l load pulsewidth 250 ns t w3 load pulsewidth (3-wire mode) 250 ns notes 1. an idle hi (clk-hi) or idle lo (clk-lo) clock may be used. data is latched on the negative edge. 2. for spia or microwirea 3-wire bus operation, tie ld write write t i i w wl t i l r d d t t d d d d d d d d d l dt write ld wl l lw d d l dt write ld l d w w t d
rev. a e4e ssm2160 caution esd (electrostatic discharge) sensitive device. electrostatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge without detection. although the ssm2160 features proprietary esd protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality. absolute maximum ratings 1 supply voltage dual supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 v single 2 (v s ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 v logic input voltage . . . . . . . . . . . . . . . . . . . . . . e0.3 v to +5 v operating temperature range . . . . . . . . . . . . . . . 0 c to 70 c storage temperature range . . . . . . . . . . . . . e65 c to +150 c junction temperature range . . . . . . . . . . . . . e65 c to +165 c lead temperature range (soldering, 60 sec) . . . . . . . . 300 c esd ratings 883 (human body) model . . . . . . . . . . . . . . . . . . . . . . 2.5 kv package thermal information package type  ja 3  jc unit 24-lead soic 71 23 c/w notes 1 absolute maximum ratings apply at 25 c, unless otherwise noted. 2 v s is the total supply span from v+ to ve. 3  ja is specified for the worst-case conditions for device soldered onto a circuit board for soic packages. pin configuration 24-lead soic 13 16 15 14 24 23 22 21 20 19 18 17 top view (not to scale) 12 11 10 9 8 1 2 3 4 7 6 5 ssm2160 v+ mstr set mstr out ch set agnd v ref ch1 out ch1 in ch3 out ch3 in ch5 out ch5 in write data ld ve clk dgnd ch2 out ch2 in ch4 out ch4 in ch6 out ch6 in ordering guide temperature package package model range description option ssm2160s 0 c to 70 c 24-lead soic r-24 ssm2160s-reel 0 c to 70 c 24-lead soic r-24 eval-ssm2160eb evaluation board
rev. a ssm2160 e5e pin function descriptions pin no. mnemonic function 1v +p ositive power supply. refer to the application information section for details on the power supply. 2 agnd internal ground reference for the audio circuitry. when operating the ssm2160 from dual supplies, agnd should be connected to ground. when operating from a single supply, agnd should be connected to v ref , the internally generated voltage reference. agnd may also be connected to an external reference. refer to the application information section for more information on the power supply. 3v ref v ref is the internally generated ground reference for the audio circuitry obtained from a buffered divider between v+ and ve. in a dual-supply application with the agnd pin connected to ground, v ref should be left floating. in a single-supply application, v ref should be connected to agnd. refer to the application information section for more information on the power supply. 4 ch1 out audio output from channel 1 5 ch1 in audio input to channel 1 6 ch3 out audio output from channel 3 7 ch3 in audio input to channel 3 8 ch5 out audio output from channel 5 9 ch5 in audio input to channel 5 10 write dt i elet ld l i r write r i dd d r t write ld l dt ttl dd l i i dt dt r d d t t i i t i i t i i t tr et i i d tr t tr et tr t tr et tr t i tr et et t et et
rev. a e6e ssm2160etypical performance characteristics gain e db e70 20 e60 e40 e20 0 10 10 1.0 0.1 0.01 0.001 thd+n e % t a = 25  c v s =  6v v in = 0dbu r l = 10k  c l = 50pf tpc 1. thd vs. gain frequency e hz 0.01 20 30k 100 1k 10k t a = 25  c dual-supply operation v in = 300mv rms@1khz r l = 10k  , c l = 50pf master/channel = 0db lpf: < 22khz v s =  12v 0.1 thd+n e % 0.001 v s =  6v tpc 4. thd+n % vs. frequency input voltage e v rms 0.001 0.01 10 0.1 0.1 thd+n e % 0.01 1.0 t a = 25  c single-supply operation v in = sinewave @ 1khz r l = 10k  , c l = 50pf master/channel = 0db v s = 15v v s = 20v v s = 10v 1.0 tpc 2. thd+n % vs. amplitude frequency e hz e40 e80 20 20k 100 1k 10k channel separation e db e50 e60 e70 e120 e90 e100 e110 t a = 25  c v s =  6v v in = 1v rms @ 1khz v in = gnd (nonselected ch) r l = 100k  , c l = 50pf lpf: < 22khz tpc 5. channel separation vs. frequency gain e db noise e dbu e60 e95 e110 e70 e60 40 e40 e30 e20 e10 0 10 20 30 e65 e90 e100 e105 e80 e85 e70 e75 t a = 25  c v s =  6v v in = gnd tpc 7. noise vs. gain input voltage e v rms 0.5 0.1 0.005 0.05 10 0.1 thd+n e % 0.01 t a = 25  c dual-supply operation v in = sinewave @ 1khz r l = 10k  , c l = 50pf master/channel = 0db v s =  12v v s =  5v v s =  6v 1.0 tpc 3. thd+n % vs. amplitude frequency e hz e40 e80 e50 e60 e70 e120 e90 e100 e110 20 30k 100 output e db 1k 10k t a = 25  c v s =  6v v in = 1v rms @ 1khz r l = 10k  , c l = 50pf tpc 6. mute vs. frequency
rev. a t ypical performance characteristicsessm2160 e7e frequency e khz 022 246810 12 14 16 18 20 0 e70 e140 e10 e60 e80 e90 e30 e50 e20 e40 e120 e110 e100 e130 amplitude e dbu t a = 25  c v s =  12v v in = 0dbu @ 1khz r l = 100k  master = 20db channel = 0db tpc 8. thd vs. frequency (fft) input amplitude e v rms 0.100 0.010 0.05 0.1 0.001 t a = 25  c v s =  12v smpte 4:1 im-freq 60hz/7khz r l = 100k  0.0001 1md (smpte) e % 1.0 5.0 tpc 11. smpte im vs. amplitude v rms frequency e khz 022 2 4 6 8 10 12 14 16 18 20 0 e70 e140 e10 e60 e80 e90 e30 e50 e20 e40 e120 e110 e100 e130 t a = 25  c v s =  12v v in = e31dbu @ 1hz r l = 100k  master = 0db channel = 0db amplitude e dbu tpc 9. thd vs. frequency (fft) frequency e khz 022 24 6810 12 14 16 18 20 0 e70 e140 e10 e60 e80 e90 e30 e50 e20 e40 e120 e110 e100 e130 amplitude e dbu t a = 25  c v s =  12v r l = 100k  a master = 0db channel = +31db b master/channel = 0db b a tpc 12. noise floor fft supply voltage e v  4  13  6  7  8  9  10  11  12  5 25 22 15 supply current e ma 21 20 19 23 24 18 17 16 tpc 14. i sy vs. v s frequency e khz 022 24 68 1012 14 16 18 20 0 e70 e140 e10 e60 e80 e90 e30 e50 e20 e40 e120 e110 e100 e130 amplitude e dbu t a = 25  c v s =  12v v in = e31dbu @ 1khz r l = 100k  master = 0db channel = 31db tpc 10. thd vs. frequency (fft) frequency e hz e20 e60 20 30k 100 psr e db 1k 10k e30 e40 e50 e100 e70 e80 e90 psre psr+ t a = 25  c v s =  6v  10% lpf = <22khz master = 0db channel = 0db tpc 13. psr vs. frequency
rev. a e8e ssm2160 applications information general the ssm2160 is a 6-channel volume control intended for multichannel audio applications. while dual-channel controls sufficed for stereo applications, rapidly emerging home theater surround sound and auto sound venues demand both 4-channel and 6-channel high performance controls. line level signals are fed to the six high impedance inputs. the system microcontroller sets the gain of the six channels via a 3-wire or 4-wire data bus. in a home theater receiver, the outputs may be fed to the power amplifiers or buffered and connected to pre-out/amp-in ports on the rear panel. refer to figure 5 for a typical signal chain using the ssm2160. the master control serves the volume control function, and the channel control serves the balance function. the 6-channel capability allows complete control of the front left, front right, center, rear left, rear right, and sub-bass audio chan nels. power supplies vs. signal levels the ssm2160 can be operated from dual supplies from 5v to 10 v and from single supplies from +10 v to +20 v. to keep power dissipation to a minimum, use the minimum power supply voltages that will support the maximum input and output signal levels. the peak-to-peak output signal level must not exceed 1/4 of the total power supply span, from v+ to ve. this restriction applies for all conditions of input signal levels and gain/attenua tion settings. table i shows supply voltages for several typical output signal levels for the device. an on-chip buffered voltage divider provides the correct analog common voltage for single-supply applications. table i. signal levels vs. power supplies max output, max output v rms (v p-p) (dbu) single +v s (v) dual  v s (v) 0.9 (2.5) +1.3 10 5 1.1 (3.0) +3.0 12 6 1.3 (3.7) +4.5 15 7.5 1.8 (5.0) +7.3 20 10 dual power supplies as shown in figure 2, the agnd pin should be connected to ground and v ref should be left floating. the digital ground pin, dgnd, should always be connected to ground for either single- or dual-supply configurations. pins 1 and 12 should each have a 10 f capacitor connected to ground, with a 0.1 f capacitor placed as close as possible to the ssm2160 to help reduce the effects of high frequency power supply noise. when a switching power supply is used, or if the power supply lines are noisy, additional filtering of the power supply lines may be required. + 1 2 v+ 0.1  f 10  f ve 10  f 12 13 dgnd ve v ref agnd v+ ssm2160 + 0.1  f figure 2. dual-supply configuration single power supply when a single supply is used, it is necessary to connect agnd (pin 2) to v ref (pin 3), as shown in figure 3. v ref supplies a voltage midway between the v+ and ve pins from a buffered resistive divider. when supplying this reference to stages ahead of the ssm2160 (to eliminate the need for input dc blocking capacitors, for example), the use of an additional external bu ffe r, as shown in figure 4, may be necessary to eliminate any noise pickup. + + v+ 0.1  f 10  f 0.1  f 10  f 3 1 2 12 13 dgnd ve v ref agnd v+ ssm2160 figure 3. single-supply configuration
rev. a ssm2160 e9e selection address mode address data mode data 7-bit master dac 5-bit channel dac 1 5-bit channel dac 2 5-bit channel dac 3 5-bit channel dac 4 5-bit channel dac 5 5-bit channel dac 6 no dac selected 1 1 1 1 1 1 1 1 x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 x x x x x x x x = don't care shaded area is data 0 = mute 1 = unmute msb msb lsb lsb xxxxx figure 7. interface characteristics, dac address/data decoding truth table + + v+ 0.1  f 10  f 0.1  f 10  f 3 1 2 12 13 dgnd ve v ref agnd v+ ssm2160 chn in ref out figure 4. single-supply operation with v ref buffer signal chain considerations the ssm2160 is capable of providing an extremely wide control range, from e127 db of attenuation (limited only by the noise floor) to +31 db of gain. when configuring the system, the ssm2160 should be in the signal chain where input signals allow the minimum vca gain to be used, thus ensuring the lowest distortion operation. in consumer products, sources that supply line level signals include fm/am tuner, phono preamp, cassette deck, cd, laser disk, vcr, line, aux, and microphone preamp. figure 5 shows a typical application where the ssm2160 has been placed between a surround sound decoder and the power amplification stages. this allows the user to adjust both volume and balance between six speakers through the use of the master and channel controls. fm/am tuner phono preamp cassette deck compact disk laser disk vcr microphone mux surround sound decoder ssm2160 to speakers power amps volume and balance controls line level inputs e stereo pairs figure 5. typical signal chain using the ssm2160 digital control range plan the ssm2160 may be modeled as six ganged potentiometers followed by individual programmable gain channel amplifiers, as shown in figure 6. in actuality, each channel?s signal level is set by a vca that can give gain or attenuation, depending upon the control voltage supplied. the input potentiometers have a maximum gain 0 db (unity), a minimum gain of e127 db, and change in 1d b steps. the channel amplifiers each have minimum gain of 0 db and a maximum gain of 31 db and also change in 1 db steps. the data settings for the attenuation of the master potentiometer and the channel amplifier are shown in table ii. output channel input 0db e127db + 31db 0db master figure 6. potentiometer representation of ssm2160 (one channel only) table ii. master and channel control data db hex binary master min atten 0 7f 1111111 max atten e127 00 0000000 channel max gain +31 00 00000 midgain +15 10 10000 min gain 0 1f 11111 when using channel controls as balance controls, the center would be with channel = 10h (or 0fh if desired). increasing the gain to the maximum would occur at channel = 00h. reducing the gain to minimum would occur at channel = 1fh.
rev. a e10e ssm2160 serial data input format the standard format for data sent to ssm2160 is an address byte followed by a data byte. this is depicted in the truth table, figure 7. two 8-bit bytes are required for each master and each of the six channel updates. the first byte sent contains the address and is identified by the msb being logic high. the second byte contains the data and is identified by the msb being logic low. the seven lsbs of the first data byte set the attenuation level from 0 db to e127 db for the master. the five lsbs of the byte set the channel gain levels from 0 db to 31 db. serial data control inputs the ssm2160 provides a simple 3-wire or 4-wire serial inter- face?see the timing diagram in figure 1. data is presented to the data pin and the serial clock to the clk pin. data may be shifted in at rates up to 1 mhz (typically). the shift register, clk, is enabled when the write t write ld i write ld t write ld t dt l t write ld t iii i l i l t iii t line one of the table: the master is not allowed to have less than e31 db attenuation, and the channel is allowed +31 db of gain. since the net gain is zero, there is no possibility of overload with the expected maximum input signal. line two of the table shows that input signal limited to e31 dbu will allow +31 db of channel gain and 0 db of master attenuation. with an input below e31 dbu, the output will never exceed 0d bu, so no overloading is possible. line three of the table allows an input of e28 dbu, master attenuation of 0 db, and 31 db channel gain. the output is a maximum of 3 dbu (1.1 v rms), which is acceptable for power supplies of 6 v or more. so long as v p-p < v supply /4, there will be no overloading (see table i). if unity overall gain is required from the ssm2160, there should be no net gain between the master (loss) and channel (gain), with both at their lowest attenuation position. m inimum channel gain is recommended for minimum distortion. master dac channel dac in out r c i fs set summation resistor r i signal v+ r m c r m , r c , c external ssm2160 figure 8. vca control scheme control range and channel tracking each channel vca is controlled by its own dac?s output, plus the control signal from the master dac. this is shown in figure 8. channel dacs are configured to increase the gain of the vca in 1 db steps from 0 db to 31 db. thus, the midpoint (15, or 16 if preferred) should be chosen as the center setting of the electronic balance controls. since the master dac feeds all summation nodes, the attenuation of all vcas simultaneously changes from 0 db to the noise floor. maximum attenuation of all channels occurs when the master is set to e127 db attenuation, and the channel is set to 0 db gain. minimum attenuation of all channels occurs when the master is set at 0 db, and the channel is set to 31 db. once the channel-to-channel balance has been set, the master may be changed without changing the balance. this is shown in figure 9. +31 +16 0 e16 e32 e48 e64 e80 e96 e112 e128 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 1 1 1 1 1 channel gain channel gain channel gain master attenuation +31 +16 0 +31 +16 0 noise floor 0 0 0 0 0 0 net gain/atten 1 1 1 1 1 1 figure 9. practical control range master/channel step sizes the details of the dac control of the channel vcas is depicted in figure 8. a 7-bit current output dac and an op amp convert the digitally commanded master control level to an analog voltage. a capacitor across the feedback resistor limits the rate of change at the output to prevent clicking. a 5-bit dac converts the digi- tally commanded channel control level to a voltage via a resistor r. these two control signals sum in resistor r and are fed to the channel vca. although we present the attenuation and gain as two separate items, in fact, the vca can be operated smoothly
rev. a ssm2160 e11e from a gain condition to an attenuation. the master and channel step sizes default to 1 db in the ab sence of external components. the step sizes can be changed by the addition of external resistors if finer resolution is desired. control range vs. step size before adjusting step sizes from the standard 1 db, consider the effect on control range. the master control and the channel control provide 1 db step sizes, which may be modified by the addition of external resistors. as the total number of steps is unchanged, reduction of the step size results in a smaller control range. the range of the control is range step size db number of levels used = () () since the master volume control operates from a 7-bit word, its dac has 128 levels (including 0). the channel volume control dac is a 5-bit input, so there are 32 levels for volume control (including 0). as can be seen in figure 9, the practical control range is set by the noise floor. it can be advantageous to reduce the master step size to give finer steps from zero attenuation down to the noise floor. reducing master step size to reduce the master step size, place resistor r m between mstr set and mstr out. the master step size of the master volume control will then become r x x m m m = 1700 1e where x m is the desired master control step size in decibels. see figure 10 for practical values of r m . note that the step size for the master control can only be adjusted to less than 1 db. no resistor is required for the default value of 1 db per step. for larger step sizes, use digital control. noninteger db step sizes can be obtained by using digital control and a reduced step size. r m 1.0 0.8 0 10 2 10 5 10 3 master step size e db 10 4 0.6 0.4 0.2 figure 10. master step size vs. r m example: modifying master step size to 0.5 db a master step size of 0.5 db is desired for the master control, while a 1 db step size is adequate for the channel control. using the preceding equation or figure 10, r m is found to be 1700  and is connected between mstr set and mstr out. there could be some variation from lot to lot, so applications requiring precise step size should include a fixed resistor plus a trimmer potentiometer to span the calculated value 25%. in this example, r c is not needed since the default channel step size is already 1 db. ch set is left floating. with this step size, the dynamic range of the master control is dnr db db = = 05 127 635 .. in this configuration, the maximum master volume is 0 db, while the minimum volume is e63.5 db. since the channel volume can still provide 0 db to 31 db of gain, the total system gain can vary between e63.5 db and +32 db. note that a 0 db command setting to the master control always results in unity gain, regardless of the step size. channel step size the channel dacs? full-scale current is set by an internal resis- tor to v+. by shunting this resistor, the full-scale current, and therefore the step size, will increase. no provisions are available for reducing the channel step size. to increase the channel step size, place a resistor, r c , from ch set to v+. note that a 0 db setting for a channel will always give unity gain, regardless of how large or small the step size is. this is true for both the master and channel volume controls. r c 1.5 1.4 1.0 10 1 10 3 10 2 channel step size 1.3 1.2 1.1 figure 11. channel step size vs. r c example: modifying channel step size a channel step size of 1.3 db is desired. from figure 11 we see that a 40  resistor (approximately) connected from ch set to v+ is required. as this varies from lot to lot, the exact value should be determined empirically, or a fixed resistor plus trimmer potentiometer should be used. take care not to short pin 24 to pin 1 as damage will result. muting the ssm2160 offers master and channel muting. on power-up, the master mute is activated, thus preventing any transients from entering the signal path and possibly overloading amplifi- ers down the signal path. mute is typically better than e95 db relative to a 0 dbu input. due to design limitations, the indi- vidual channel muting results in increased signal distortion in the unmuted channels. users should determine if this condition is acceptable in the particular application.
rev. a e12e ssm2160 dc blocking and frequency response all internal signal handling uses direct coupled circuitry. although the input and output dc offsets are small, dc blocking is required when the signal ground references are different. this will be the case if the source is from an op amp that uses dual power supplies (i.e., 6 v), and the ssm2160 uses a single supply. if the signal source has the capability of operating with an externally supplied signal, connect the v ref (pin 3) to the source?s external ground input either directly or through a buffer as shown in figure 4. the same consideration is applied to the load. if the load is returned to agnd, no capacitor is required. when the ssm2160 is operated from a single supply, there will be a dc output level of +v s /2 at the output. this will require dc blocking capacitors if driving a load referred to gnd. when dc blocking capacitors are used at the inputs and outputs, they form a high-pass filter with the input and load resistance, both of which are typically 10 k  . to calculate the lower e3 db frequency of the high-pass filter formed by the coupling capacitor and the input resistance, use either of the following formulas frc or crf c c = () = () 12 12   where r is the typically 10 k  input resistance of the ssm2160 or the load resistance. c is the value of the blocking capacitor when f c is known. if a cutoff frequency of 20 hz were desired, solving for c gives 0.8 f for the input or output capacitor. a higher load imped- ance will allow smaller output capacitors to give the same 20 hz cutoff. note that the overall low-pass filter will be the cascade of the two, so the response will be e6 db at 20 hz. a practical and economical choice would be 1 f/15 v electrolytics. signal/noise considerations and channel center gain the ssm2160 should be placed in the signal flow where levels are high enough to result in low distortion and good snr but not so high to require unusually high power supplies. in a typical application, input and output signal levels will be in the 300 mv 200 mv rms range. this level is typically available from internal and external sources. as previously mentioned, the 31 db of gain available in the vca is usually used for balancing the various channels and is usually set to 15 db or 16 db in its center posi- tion. due to the nature of vca performance versus gain, the minimum gain that will allow balancing the channels should be used. if no balance function is required, the channel gain should be set to 0 db. use the lowest value of centered gain when less than the full balance range is needed. for example, if only 6 db channel gain variations were needed, the center could be set at 6 db, giving 6 db 6 db, rather than at 15 db 6 db. this would result in improved s/n ratio and less distortion. digital interface digital logic signals have fast rising and falling edges that can easily be coupled into the signal and ground paths if care is not taken with pc board trace routing, ground management, and proper bypassing. in addition, limiting the high state logic signal levels to 3.5 v will minimize noise coupling. load considerations the output of each ssm2160 channel must be loaded with a mini- mum of 10 k  . connecting a load of less than 10 k  will result in increased distortion and may cause excessive internal heating with possible damage to the device. capacitive loading should be kept to less than 50 pf. excessive capacitive loading may increase the distortion level and may cause instability in the output ampli- fiers. if your application requires driving a lower impedance or more capacitive load, use a buffer as shown in figure 12. ch6 out ssm2160 ch1 out ch6 out 1/2 ssm2135 1/2 ssm2135 ch1 out figure 12. output buffers to drive capacitive loads windows software windows software is available to customers from analog devices to interface the serial port of a pc (running windows 3.1 or higher) with the ssm2160. contact your sales representative for details on obtaining the software. for details, see the evaluation board section. 13 16 15 14 23 22 21 20 19 18 17 12 11 10 9 8 1 2 3 4 7 6 5 ssm2160 + 0.1  f 10f + 0.1  f 10  f + 10  f r m * out in ch 2 out in ch 4 out in ch 6 data clk out in ch 1 out in ch 3 out in ch 5 ve write ld v+ * * optional see channel step size ** typical 1  fe10  f: see dc blocking and frequency response r c * ** figure 13. typical application circuit (dual supply)
rev. a ssm2160 ?3 controlling stereo headphones level and balance figure 14 shows how the ssm2160 can be configured to drive a stereo headphone output amplifier. note that the minimum load specification precludes driving headphones directly. this example assumes that audio left and right signals are being fed into channels 1 and 2, respectively. additional amplifiers could be connected to the outputs to provide additional channels. the master control will set the loudness, and the channel controls will set the balance. the headphone amplifiers may be connected to the same power supplies as the ssm2160. the stereo audio signals are directly coupled to the noninverting input of both op amps. depending upon the headphones and the signal levels, the optional r1 may be selected to provide additional gain, which is deter- mined by a v = 1 + r 2 r 1 ? ? ? ? ? ? as an example, suppose a high impedance headphone (600 ? ) required a minimum of 25 mw to produce the desired loudness. further, suppose the system design made available an output level from the ssm2160 of 300 mv. if the output were buffered without gain and applied directly to the headphone, the power would be p v r = 2 pmw = () = 03 600 015 2 . . this is obviously too little power, so we solve the equation for the voltage required to produce the desired power of 25 mw vpr vv rms = == 0 025 600 3 9 .. the gain of the amplifiers must then be a a r r r r r r v v == =+ = == = 389 03 13 1 2 1 2 1 12 1 2 12 6000 12 500 . . ? if lower impedance headphones were used, say 30 ? , the voltage required would be 0.9 v rms and a gain of 3 would suffice; thus, r 1= 2.5 k ? and r 2 = 5 k ? . the 100 pf capacitor, c2, in parallel with r2, creates a low -pass filter with a cutoff above the audible range, reducing the gain to high frequency noise. a small resistor within the feedback loop protects the output stage in the event of a short circuit at the headphone output but does not measurably reduce the signal swing or loop gain. the dc blocking capacitor at the output establishes a high-pass filter with a ? db corner frequency determined by the value of c1 and the headphone impedance. with 600 ? headphones, an output capacitor of 15 f sets this corner at 20 hz. similarly, a 30 ? headphone will require 250 f. caution: as with all headphone applications, listening to loud sounds can cause permanent hearing loss. +5v ?5v ch1 out ch2 out v dgnd v+ agnd ssm2160 ssm2135-a ssm2135-b +5v + ?v + r1 * 500  r1 * 500  c2 100pf r2 6k  150  150  r2 6k  c2 100pf +5v ?5v 50k  50k  15  f * 15  f * left headphone 600  right headphone 600  * see text for alternate values 1 2 4 21 12 13 figure 14. headphone output amplifier configuration evaluation board for the ssm2160 the following information is to be used with the ssm2160 evaluation board, which simplifies connecting the part into existing systems. audio signals are fed in and out via standard rca-type audio connectors. a stereo headphone driver socket is provided for the convenience of listening to channels 1 and 2. microsoft windows software is available for controlling the serial data bus of the ssm2160 via the parallel port driver (lpt) of a pc. the software may be downloaded from the analog devices website at www.analog.com. the evaluation board comes com- plete with the necessary par allel port cab le and te lephone type plug that mates with the evaluation board. power supplies the evaluation board should be connected to 6 v supplies for initial evaluation. if other supply voltages are planned, they can be subsequently changed. the power configuration on the evalu- ation board is per figure 2. signal inputs and outputs i nput load impedances are approximately 10 k ? , so the load on the sources is relatively light. dc blocking capacitors are pro- vided on the evaluation board. the load impedance connected to the outputs must be no less than 10 k ? and no more than 50 pf shunt capacitance. this enables driving short lengths of shielded or twisted wire cable. if heavier loads must be driven, use an external buffer as shown in figure 13. note that 50 ? isolation resistors are placed in series with each ssm2160 output and may be jumpered if desired. digital interface the interconnecting cable provided has a db25 male connector for the parallel port of the pc and an rj14 plug that connects to the evaluation board. this cable is all that is required for the computer interface. software installation if installing the software from a diskette and using windows 3.1 or later, select the run command from the file menu of the program manager. in the command line, type a:\setup and press enter. if you downloaded the software to your hard disk from the analog devices website to, for example, c:\ssm2160, on the command line type c:\ssm2160\setup and press enter. the software will be automatically installed and a ssm2160 start-up icon will be displayed. double-click the icon to start the application. under the menu item port, select the parallel port
rev. a e14e ssm2160 that is assigned to the connector used on your pc if different from the default lpt1. windows control panel the control panel contains all the functions required to control the ssm2160, and each feature is described below. a mouse is needed to operate the various controls. it is possible to overload the vca by incorrect input levels and master and control settings. if you have not read the sections of the data sheet regarding control planning, do so now. while no damage will occur to the ssm2160, the results will be unpredictable. master volume the master volume fader controls the 7-bit word that deter- mines the attenuation level. there are 128 levels (2 7 ) that range from 0 db attenuation to e127 db attenuation. to change the level, simply click the up or down arrows or click in the space directly above or below the fader knob, or drag the knob up or down to its desired position. ( drag refers to placing the screen cursor arrowhead on the control, pressing and holding the left mouse button while moving the arrow to the desired position.) master mute below the master volume fader is the master mute button. click this button to mute all channels. clicking it again will unmute all channels. the application defaults to mute when started. mute reduces outputs to approximately e95 db below inputs up to 0 dbu. channel volume each of the channel fader controls can be set to one of 32 levels of gain, from 0 db to 31 db. see the previous section on master volume for details. channel mute same function as master mute but on a channel basis. due to the design limitations, muting an individual channel results in an increased distortion level of the unmuted channels. users must determine if this condition is acceptable in their application. channel balance the channel balance fader adjusts all channels over their range without affecting the master volume setting. relative channel differences will be maintained until the top or the bottom of t he range is reached. the master volume fader does the same function as this fader, which was made available for evaluation convenience. master and channel fades both master and channel fades can be achieved by pressing the mem 1 button when levels are at a desired starting position and the mem 2 button at the desired ending position. fade controls individual channels, and master fade controls the master volume. fade time sets timing from 0.1 (fastest) to 9.9 (slowest). press fade to commence operation. if fade is pressed again, a fade back to the starting point will occur. the jump button causes a direct jump to the opposite memory position. halt halt is a software interrupt in case of a problem or to stop a long fade time. update data currently on display is resent to the ssm2160. this is useful when parts are being substituted in the evaluation board, or when the interface cable is changed.
rev. a ssm2160 e15e revision history location page 2/03  0  0.75 (0.0295) 0.25 (0.0098)  45  1.27 (0.0500) 0.40 (0.0157) seating plane 0.30 (0.0118) 0.10 (0.0039) 0.51 (0.020) 0.33 (0.013) 2.65 (0.1043) 2.35 (0.0925) 1.27 (0.0500) bsc 24 13 12 1 10.65 (0.4193) 10.00 (0.3937) 7.60 (0.2992) 7.40 (0.2913) 15.60 (0.6142) 15.20 (0.5984) coplanarity 0.10
c03366e0e2/03(a) printed in u.s.a. e16e


▲Up To Search▲   

 
Price & Availability of SSM216003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X